| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7014 bảng dữ liệu(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 bảng dữ liệu(HTML) 68 Page - Renesas Technology Corp |
|
68 / 754 page ![]() 2. CPU Rev.5.00 Sep. 27, 2007 Page 34 of 716 REJ09B0398-0500 Classification Types Operation Code Function No. of Instructions 6 AND Logical AND 14 Logic operations NOT Bit inversion OR Logical OR TAS Memory test and bit set TST Logical AND and T bit set XOR Exclusive OR Shift 10 ROTL One-bit left rotation 14 ROTR One-bit right rotation ROTCL One-bit left rotation with T bit ROTCR One-bit right rotation with T bit SHAL One-bit arithmetic left shift SHAR One-bit arithmetic right shift SHLL One-bit logical left shift SHLLn n-bit logical left shift SHLR One-bit logical right shift SHLRn n-bit logical right shift Branch 9 BF Conditional branch, conditional branch with delay (Branch when T = 0) 11 BT Conditional branch, conditional branch with delay (Branch when T = 1) BRA Unconditional branch BRAF Unconditional branch BSR Branch to subroutine procedure BSRF Branch to subroutine procedure JMP Unconditional branch JSR Branch to subroutine procedure RTS Return from subroutine procedure |