công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 922 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 922 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 918Page - Renesas Technology Corp H8S/2114R Datasheet HTML 919Page - Renesas Technology Corp H8S/2114R Datasheet HTML 920Page - Renesas Technology Corp H8S/2114R Datasheet HTML 921Page - Renesas Technology Corp H8S/2114R Datasheet HTML 922Page - Renesas Technology Corp H8S/2114R Datasheet HTML 923Page - Renesas Technology Corp H8S/2114R Datasheet HTML 924Page - Renesas Technology Corp H8S/2114R Datasheet HTML 925Page - Renesas Technology Corp H8S/2114R Datasheet HTML 926Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 874 of 986
REJ09B0098-0300
24.6
Hardware Standby Mode
The CPU makes a transition to hardware standby mode from any mode when the
STBY pin is
driven low.
In hardware standby mode, all functions enter the reset state. As long as the prescribed voltage is
supplied, on-chip RAM data is retained. The I/O ports are set to the high-impedance state.
In order to retain on-chip RAM data, the RAME bit in SYSCR should be cleared to 0 before
driving the
STBY pin low. Do not change the state of the mode pins (MD2, MD1, and MD0)
while this LSI is in hardware standby mode.
Hardware standby mode is cleared by the
STBY pin input or the RES pin input.
When the
STBY pin is driven high while the RES pin is low, the clock pulse generator starts
oscillation. Ensure that the
RES pin is held low until system clock oscillation stabilizes. When the
RES pin is subsequently driven high after the clock oscillation stabilization time has elapsed, reset
exception handling starts.
Figure 24.4 shows an example of hardware standby mode timing.
Oscillator
RES
STBY
Oscillation
stabilization
time
Reset
exception
handling
Figure 24.4 Hardware Standby Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com