công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 918 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 918 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 914Page - Renesas Technology Corp H8S/2114R Datasheet HTML 915Page - Renesas Technology Corp H8S/2114R Datasheet HTML 916Page - Renesas Technology Corp H8S/2114R Datasheet HTML 917Page - Renesas Technology Corp H8S/2114R Datasheet HTML 918Page - Renesas Technology Corp H8S/2114R Datasheet HTML 919Page - Renesas Technology Corp H8S/2114R Datasheet HTML 920Page - Renesas Technology Corp H8S/2114R Datasheet HTML 921Page - Renesas Technology Corp H8S/2114R Datasheet HTML 922Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 918 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 870 of 986
REJ09B0098-0300
24.3
Medium-Speed Mode
The CPU makes a transition to medium-speed mode as soon as the current bus cycle ends
according to the setting of the SCK2 to SCK0 bits in SBYCR. In medium-speed mode, the
operating clock can be selected from
φ/2, φ/4, φ/8, φ/16, or φ/32. On-chip peripheral modules
other than the bus masters and KBU operate on the system clock (
φ).
In medium-speed mode, a bus access is executed in the specified number of states with respect to
the bus master operating clock. For example, if
φ/4 is selected as the operating clock, on-chip
memory is accessed in four states, and internal I/O registers in eight states.
By clearing all of bits SCK2 to SCK0 to 0 in medium-speed mode, a transition is made to high-
speed mode at the end of the current bus cycle.
When the SLEEP instruction is executed with the SSBY bit in SBYCR cleared to 0 and the LSON
bit in LPWRCR cleared to 0, a transition is made to sleep mode. When sleep mode is cleared by
an interrupt, medium-speed mode is restored. When the SLEEP instruction is executed with the
SSBY bit in SBYCR set to 1, the LSON bit in LPWRCR cleared to 0, and the PSS bit in TCSR
(WDT_1) cleared to 0, a transition is made to software standby mode. When software standby
mode is cleared by an external interrupt, medium-speed mode is restored.
When the
RES pin is driven low, medium-speed mode is cancelled and a transition is made to the
reset state. The same applies in the case of a reset caused by overflow of the watchdog timer.
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com