công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 919 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 919 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 915Page - Renesas Technology Corp H8S/2114R Datasheet HTML 916Page - Renesas Technology Corp H8S/2114R Datasheet HTML 917Page - Renesas Technology Corp H8S/2114R Datasheet HTML 918Page - Renesas Technology Corp H8S/2114R Datasheet HTML 919Page - Renesas Technology Corp H8S/2114R Datasheet HTML 920Page - Renesas Technology Corp H8S/2114R Datasheet HTML 921Page - Renesas Technology Corp H8S/2114R Datasheet HTML 922Page - Renesas Technology Corp H8S/2114R Datasheet HTML 923Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 871 of 986
REJ09B0098-0300
Figure 24.2 shows an example of medium-speed mode timing.
φ,
Bus master clock
peripheral module clock
Internal address bus
Internal write signal
Medium-speed mode
SBYCR
SBYCR
Figure 24.2 Medium-Speed Mode Timing
24.4
Sleep Mode
The CPU makes a transition to sleep mode if the SLEEP instruction is executed when the SSBY
bit in SBYCR is cleared to 0 and the LSON bit in LPWRCR is cleared to 0. In sleep mode, CPU
operation stops but the on-chip peripheral modules do not. The contents of the CPU’s internal
registers are retained.
Sleep mode is cleared by any interrupt, the
RES pin input, or the STBY pin input.
When an interrupt occurs, sleep mode is cleared and interrupt exception handling starts. Sleep
mode is not cleared if the interrupt is disabled, or interrupts other than NMI have been masked by
the CPU.
When the
RES pin is driven low and sleep mode is cleared, a transition is made to the reset state.
After the specified reset input time has elapsed, driving the
RES pin high causes the CPU to start
reset exception handling.
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com