công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 923 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 923 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 919Page - Renesas Technology Corp H8S/2114R Datasheet HTML 920Page - Renesas Technology Corp H8S/2114R Datasheet HTML 921Page - Renesas Technology Corp H8S/2114R Datasheet HTML 922Page - Renesas Technology Corp H8S/2114R Datasheet HTML 923Page - Renesas Technology Corp H8S/2114R Datasheet HTML 924Page - Renesas Technology Corp H8S/2114R Datasheet HTML 925Page - Renesas Technology Corp H8S/2114R Datasheet HTML 926Page - Renesas Technology Corp H8S/2114R Datasheet HTML 927Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 875 of 986
REJ09B0098-0300
24.7
Watch Mode
The CPU makes a transition to watch mode when the SLEEP instruction is executed in high-speed
mode or subactive mode with the SSBY bit in SBYCR set to 1, the DTON bit in LPWRCR
cleared to 0, and the PSS bit in TCSR (WDT_1) set to 1.
In watch mode, the CPU is stopped and on-chip peripheral modules other than WDT_1 are also
stopped. The contents of the CPU’s internal registers, several on-chip peripheral module registers,
and on-chip RAM data are retained and the I/O ports retain their values before transition as long
as the prescribed voltage is supplied.
Watch mode is cleared by an interrupt (WOVI1, NMI, IRQ0 to IRQ15, KIN0 to KIN15, or
WUE0 to WUE15), KBU interrupt,
RES pin input, or STBY pin input.
When an interrupt occurs, watch mode is cleared and a transition is made to high-speed mode or
medium-speed mode when the LSON bit in LPWRCR cleared to 0, or a transition is made to
subactive mode when the LSON bit is set to 1. When a transition is made to high-speed mode, a
stable clock is supplied to the entire LSI and interrupt exception handling starts after the time set
in the STS2 to STS0 bits in SBYCR has elapsed. In the case of an IRQ0 to IRQ15 interrupt, watch
mode is not cleared if the corresponding enable bit has been cleared to 0 or the interrupt has been
masked by the CPU. In the case of a KIN0 to KIN15 or WUE0 to WUE15 interrupt, watch mode
is not cleared if the input is disabled or the interrupt has been masked by the CPU. In the case of
an interrupt from an on-chip peripheral module, watch mode is not cleared if the interrupt enable
register has been set to disable the reception of that interrupt or the interrupt has been masked by
the CPU.
When the
RES pin is driven low, the clock pulse generator starts oscillation. Simultaneously with
the start of system clock oscillation, the system clock is supplied to the entire LSI. Note that the
RES pin must be held low until clock oscillation is stabilized. If the RES pin is driven high after
the clock oscillation stabilization time has elapsed, the CPU starts reset exception handling.
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com