công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 925 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 925 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 921Page - Renesas Technology Corp H8S/2114R Datasheet HTML 922Page - Renesas Technology Corp H8S/2114R Datasheet HTML 923Page - Renesas Technology Corp H8S/2114R Datasheet HTML 924Page - Renesas Technology Corp H8S/2114R Datasheet HTML 925Page - Renesas Technology Corp H8S/2114R Datasheet HTML 926Page - Renesas Technology Corp H8S/2114R Datasheet HTML 927Page - Renesas Technology Corp H8S/2114R Datasheet HTML 928Page - Renesas Technology Corp H8S/2114R Datasheet HTML 929Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 925 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 877 of 986
REJ09B0098-0300
24.9
Subactive Mode
The CPU makes a transition to subactive mode when the SLEEP instruction is executed in high-
speed mode with the SSBY bit in SBYCR set to 1, the DTON bit and LSON bit in LPWRCR both
set to 1, and the PSS bit in TCSR (WDT_1) set to 1. When an interrupt occurs in watch mode with
the LSON bit in LPWRCR set to 1, a direct transition is made to subactive mode. Similarly, if an
interrupt occurs in subsleep mode, a transition is made to subactive mode.
In subactive mode, the CPU operates at a low speed based on the subclock and sequentially
executes programs. On-chip peripheral modules other than TMR_0, TMR_1, WDT_0, and
WDT_1 are also stopped.
When operating the CPU in subactive mode, the SCK2 to SCK0 bits in SBYCR must all be
cleared to 0.
Subactive mode is cleared by the SLEEP instruction,
RES pin input, or STBY pin input.
When the SLEEP instruction is executed with the SSBY bit in SBYCR set to 1, the DTON bit in
LPWRCR cleared to 0, and the PSS bit in TCSR (WDT_1) set to 1, subactive mode is cleared and
a transition is made to watch mode. When the SLEEP instruction is executed with the SSBY bit in
SBYCR cleared to 0, the LSON bit in LPWRCR set to 1, and the PSS bit in TCSR (WDT_1) set
to 1, a transition is made to subsleep mode. When the SLEEP instruction is executed with the
SSBY bit in SBYCR set to 1, the DTON bit in LPWRCR set to 1, the LSON bit in LPWRCR
cleared to 0, and the PSS bit in TCSR (WDT_1) set to 1, a direct transition is made to high-speed
mode.
For details on direct transitions, see section 24.11, Direct Transitions.
When the
RES pin is driven low, the clock pulse generator starts oscillation. Simultaneously with
the start of system clock oscillation, the system clock is supplied to the entire LSI. Note that the
RES pin must be held low until clock oscillation is stabilized. If the RES pin is driven high after
the clock oscillation stabilization time has elapsed, the CPU starts reset exception handling.
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com