công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 929 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 929 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 925Page - Renesas Technology Corp H8S/2114R Datasheet HTML 926Page - Renesas Technology Corp H8S/2114R Datasheet HTML 927Page - Renesas Technology Corp H8S/2114R Datasheet HTML 928Page - Renesas Technology Corp H8S/2114R Datasheet HTML 929Page - Renesas Technology Corp H8S/2114R Datasheet HTML 930Page - Renesas Technology Corp H8S/2114R Datasheet HTML 931Page - Renesas Technology Corp H8S/2114R Datasheet HTML 932Page - Renesas Technology Corp H8S/2114R Datasheet HTML 933Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1038 page
background image
Section 25 List of Registers
Rev. 3.00 Jul. 14, 2005 Page 881 of 986
REJ09B0098-0300
Section 25 List of Registers
The list of registers gives information on the on-chip I/O register addresses, how the register bits
are configured, the register states in each operating mode, the register selection condition, and the
register address of each module. The information is given as shown below.
1. Register addresses (address order)
• Registers are listed from the lower allocation addresses.
• For the addresses of 16 bits, the MSB is described.
• Registers are classified by functional modules.
• The access size is indicated.
• H8S/2140B Group compatible register addresses or extended register addresses are selected
depending on the RELOCATE bit in system control register 3 (SYSCR3).
When the extended register addresses are selected, the some register addresses of ICC_1,
TMR_Y, PWMX_0 and PORT are changed. Therefore, the selection with other module
registers that share the same addresses with these registers is not necessary.
2. Register bits
• Bit configurations of the registers are described in the same order as the register addresses.
• Reserved bits are indicated by  in the bit name column.
• The bit number in the bit-name column indicates that the whole register is allocated as a
counter or for holding data.
• Each line covers eight bits, and 16-bit register is shown as 2 lines, respectively.
3. Register states in each operating mode
• Register states are described in the same order as the register addresses.
• The register states described here are for the basic operating modes. If there is a specific reset
for an on-chip peripheral module, see the section on that on-chip peripheral module.
4. Register selection conditions
• Register selection conditions are described in the same order as the register addresses.
• Register selection conditions with the RELOCATE bit in the system control register 3
(SYSCR3) cleared to 0 are indicated. For details, see section 3.2.2, System Control Register
(SYSCR), section 3.2.3, Serial Timer Control Register (STCR), section 23.1.3, Module Stop
Control Register H, L, A (MSTPCRH, MSTPCRL, MSTPCRA), or register descriptions for
each module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com