công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 932 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 932 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 928Page - Renesas Technology Corp H8S/2114R Datasheet HTML 929Page - Renesas Technology Corp H8S/2114R Datasheet HTML 930Page - Renesas Technology Corp H8S/2114R Datasheet HTML 931Page - Renesas Technology Corp H8S/2114R Datasheet HTML 932Page - Renesas Technology Corp H8S/2114R Datasheet HTML 933Page - Renesas Technology Corp H8S/2114R Datasheet HTML 934Page - Renesas Technology Corp H8S/2114R Datasheet HTML 935Page - Renesas Technology Corp H8S/2114R Datasheet HTML 936Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 1038 page
background image
Section 25 List of Registers
Rev. 3.00 Jul. 14, 2005 Page 884 of 986
REJ09B0098-0300
Register Name
Abbreviation
Number
of Bits
Address Module
Data
Width
Access
States
On-chip RAM host base address
register H
RAMBARH
8
H'FDEC
LPC
8
2
On-chip RAM host base address
register L
RAMBARL
8
H'FDED
LPC
8
2
Address space set register
ASSR
8
H'FDEE
LPC
8
2
On-chip RAM address space set
register
RAMASSR
8
H'FDEF
LPC
8
2
Slave address register 1
SAR1
8
H'FDF0
LPC
8
2
Slave address register 2
SAR2
8
H'FDF1
LPC
8
2
Flash memory write protect register H
FWPRH
8
H'FDF2
LPC
8
2
Flash memory write protect register M FWPRM
8
H'FDF3
LPC
8
2
Flash memory write protect register L
FWPRL
8
H'FDF4
LPC
8
2
On-chip RAM address initial value
register
RAMAR
8
H'FDF5
LPC
8
2
Flash memory read protect register H
FRPRH
8
H'FDF6
LPC
8
2
Flash memory read protect register M
FRPRM
8
H'FDF7
LPC
8
2
Flash memory read protect register L
FRPRL
8
H'FDF8
LPC
8
2
User command data register
UCMDTR
8
H'FDF9
LPC
8
2
Flash memory programming address
register H
FLWARH
8
H'FDFA
LPC
8
2
Flash memory programming address
register L
FLWARL
8
H'FDFB
LPC
8
2
Manufacture ID code register
LMCMIDCR
8
H'FDFC
LPC
8
2
Device ID code register
LMCDIDCR
8
H'FDFD
LPC
8
2
Port 6 noise canceller enable register
P6NCE
8
H'FE00
PORT
8
2
Port 6 noise canceller mode control
register
P6NCMC
8
H'FE01
PORT
8
2
Port 6 noise cancel cycle setting
register
P6NCCS
8
H'FE02
PORT
8
2
Port C noise canceller enable register
PCNCE
8
H'FE03
PORT
8
2
Port C noise canceller mode control
register
PCNCMC
8
H'FE04
PORT
8
2
Port C noise cancel cycle setting
register
PCNCCS
8
H'FE05
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com