công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 934 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 934 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 930Page - Renesas Technology Corp H8S/2114R Datasheet HTML 931Page - Renesas Technology Corp H8S/2114R Datasheet HTML 932Page - Renesas Technology Corp H8S/2114R Datasheet HTML 933Page - Renesas Technology Corp H8S/2114R Datasheet HTML 934Page - Renesas Technology Corp H8S/2114R Datasheet HTML 935Page - Renesas Technology Corp H8S/2114R Datasheet HTML 936Page - Renesas Technology Corp H8S/2114R Datasheet HTML 937Page - Renesas Technology Corp H8S/2114R Datasheet HTML 938Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 1038 page
background image
Section 25 List of Registers
Rev. 3.00 Jul. 14, 2005 Page 886 of 986
REJ09B0098-0300
Register Name
Abbreviation
Number
of Bits
Address Module
Data
Width
Access
States
Status register 3
STR3
8
H'FE32
LPC
8
2
LPC channel address register H
LADR3H
8
H'FE34
LPC
8
2
LPC channel address register L
LADR3L
8
H'FE35
LPC
8
2
SERIRQ control register 0
SIRQCR0
8
H'FE36
LPC
8
2
SERIRQ control register 1
SIRQCR1
8
H'FE37
LPC
8
2
Input data register 1
IDR1
8
H'FE38
LPC
8
2
Output data register 1
ODR1
8
H'FE39
LPC
8
2
Status register 1
STR1
8
H'FE3A
LPC
8
2
Input data register 2
IDR2
8
H'FE3C
LPC
8
2
Output data register 2
ODR2
8
H'FE3D
LPC
8
2
Status register 2
STR2
8
H'FE3E
LPC
8
2
Host interface select register
HISEL
8
H'FE3F
LPC
8
2
Host interface control register 0
HICR0
8
H'FE40
LPC
8
2
Host interface control register 1
HICR1
8
H'FE41
LPC
8
2
Host interface control register 2
HICR2
8
H'FE42
LPC
8
2
Host interface control register 3
HICR3
8
H'FE43
LPC
8
2
Wake-up event interrupt mask register
B
WUEMRB
8
H'FE44
INT
8
2
Wake-up event interrupt mask register WUEMR
8
H'FE45
INT
8
2
Port G output data register
PGODR
8
H'FE46
PORT
8
2
Port G input data register
PGPIN
8
H'FE47
(read)
PORT
8
2
Port G data direction register
PGDDR
8
H'FE47
(write)
PORT
8
2
Port E pull-up MOS control register
PEPCR
8
H'FE48
PORT
8
2
Port F output data register
PFODR
8
H'FE49
PORT
8
2
Port E input data register
PEPIN
8
H'FE4A
(read)
(writing
prohibited)
PORT
8
2
Port F input data register
PFPIN
8
H'FE4B
(read)
PORT
8
2
Port F data direction register
PFDDR
8
H'FE4B
(write)
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com