công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 931 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 931 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 927Page - Renesas Technology Corp H8S/2114R Datasheet HTML 928Page - Renesas Technology Corp H8S/2114R Datasheet HTML 929Page - Renesas Technology Corp H8S/2114R Datasheet HTML 930Page - Renesas Technology Corp H8S/2114R Datasheet HTML 931Page - Renesas Technology Corp H8S/2114R Datasheet HTML 932Page - Renesas Technology Corp H8S/2114R Datasheet HTML 933Page - Renesas Technology Corp H8S/2114R Datasheet HTML 934Page - Renesas Technology Corp H8S/2114R Datasheet HTML 935Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 931 / 1038 page
background image
Section 25 List of Registers
Rev. 3.00 Jul. 14, 2005 Page 883 of 986
REJ09B0098-0300
25.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed.
The number of access states indicates the number of states based on the specified reference clock.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Timer control register_1
TCR_1
8
H'FD40
TPU_1
8
2
Timer mode register_1
TMDR_1
8
H'FD41
TPU_1
8
2
Timer I/O control register_1
TIOR_1
8
H'FD42
TPU_1
8
2
Timer interrupt enable register_1
TIER_1
8
H'FD44
TPU_1
8
2
Timer Status register_1
TSR_1
8
H'FD45
TPU_1
8
2
Timer counter_1
TCNT_1
16
H'FD46
TPU_1
16
2
Timer general register A_1
TGRA_1
16
H'FD48
TPU_1
16
2
Timer general register B_1
TGRB_1
16
H'FD4A
TPU_1
16
2
LPC channel 4 address register H
LADR4H
8
H'FDD4
LPC
8
2
LPC channel 4 address register L
LADR4L
8
H'FDD5
LPC
8
2
Input data register 4
IDR4
8
H'FDD6
LPC
8
2
Output data register 4
ODR4
8
H'FDD7
LPC
8
2
Status register 4
STR4
8
H'FDD8
LPC
8
2
Host interface control register 4
HICR4
8
H'FDD9
LPC
8
2
SERIRQ control register 2
SIRQCR2
8
H'FDDA
LPC
8
2
RAM buffer address register
RBUFAR
8
H'FDE0
LPC
8
2
Erase block register
EBLKR
8
H'FDE1
LPC
8
2
LMC status register 1
LMCST1
8
H'FDE2
LPC
8
2
LMC status register 2
LMCST2
8
H'FDE3
LPC
8
2
LMC control register 1
LMCCR1
8
H'FDE4
LPC
8
2
LMC control register 2
LMCCR2
8
H'FDE5
LPC
8
2
On-chip RAM protect control register MPCR
8
H'FDE6
LPC
8
2
Host base address register 1H
HBAR1H
8
H'FDE8
LPC
8
2
Host base address register 1L
HBAR1L
8
H'FDE9
LPC
8
2
Host base address register 2H
HBAR2H
8
H'FDEA
LPC
8
2
Host base address register 2L
HBAR2L
8
H'FDEB
LPC
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com