công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 920 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 920 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 916Page - Renesas Technology Corp H8S/2114R Datasheet HTML 917Page - Renesas Technology Corp H8S/2114R Datasheet HTML 918Page - Renesas Technology Corp H8S/2114R Datasheet HTML 919Page - Renesas Technology Corp H8S/2114R Datasheet HTML 920Page - Renesas Technology Corp H8S/2114R Datasheet HTML 921Page - Renesas Technology Corp H8S/2114R Datasheet HTML 922Page - Renesas Technology Corp H8S/2114R Datasheet HTML 923Page - Renesas Technology Corp H8S/2114R Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1038 page
background image
Section 24 Power-Down Modes
Rev. 3.00 Jul. 14, 2005 Page 872 of 986
REJ09B0098-0300
24.5
Software Standby Mode
The CPU makes a transition to software standby mode when the SLEEP instruction is executed
with the SSBY bit in SBYCR set to 1, the LSON bit in LPWRCR cleared to 0, and the PSS bit in
TCSR (WDT_1) cleared to 0. In software standby mode, the CPU, on-chip peripheral modules,
and clock pulse generator all stop. However, the contents of the CPU registers, on-chip RAM
data, I/O ports, and the states of on-chip peripheral modules other than the SCI, PWM, PWMX,
and A/D converter are retained as long as the prescribed voltage is supplied.
Software standby mode is cleared by an external interrupt (NMI, IRQ0 to IRQ15, KIN0 to
KIN15, or WUE0 to WUE15), KBU interrupt,
RES pin input, or STBY pin input.
When an external interrupt request signal is input, system clock oscillation starts, and after the
elapse of the time set in bits STS2 to STS0 in SBYCR, software standby mode is cleared, and
interrupt exception handling is started. When clearing software standby mode with an IRQ0 to
IRQ15 interrupt, set the corresponding enable bit to 1. When clearing software standby mode with
a KIN0 to KIN15 or WUE0 to WUE15 interrupt, enable the input. In these cases, ensure that no
interrupt with a higher priority than interrupts IRQ0 to IRQ15 is generated. In the case of an IRQ0
to IRQ15 interrupt, software standby mode is not cleared if the corresponding enable bit is cleared
to 0 or if the interrupt has been masked by the CPU. In the case of a KIN0 to KIN15 or WUE0 to
WUE15 interrupt, software standby mode is not cleared if the input is disabled or if the interrupt
has been masked by the CPU.
When the
RES pin is driven low, the clock pulse generator starts oscillation. Simultaneously with
the start of system clock oscillation, the system clock is supplied to the entire LSI. Note that the
RES pin must be held low until clock oscillation is stabilized. If the RES pin is driven high after
the clock oscillation stabilization time has elapsed, the CPU starts reset exception handling.
When the
STBY pin is driven low, software standby mode is cleared and a transition is made to
hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com