công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 775 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 775 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 771Page - Renesas Technology Corp H8S/2114R Datasheet HTML 772Page - Renesas Technology Corp H8S/2114R Datasheet HTML 773Page - Renesas Technology Corp H8S/2114R Datasheet HTML 774Page - Renesas Technology Corp H8S/2114R Datasheet HTML 775Page - Renesas Technology Corp H8S/2114R Datasheet HTML 776Page - Renesas Technology Corp H8S/2114R Datasheet HTML 777Page - Renesas Technology Corp H8S/2114R Datasheet HTML 778Page - Renesas Technology Corp H8S/2114R Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 1038 page
background image
Section 19 A/D Converter
Rev. 3.00 Jul. 14, 2005 Page 727 of 986
REJ09B0098-0300
19.5
Interrupt Source
The A/D converter generates an A/D conversion end interrupt (ADI) at the end of A/D
conversion. If the ADF bit in ADCSR has been set to 1 after A/D conversion ends and the ADIE
bit is set to 1, an ADI interrupt request is enabled.
The ADI interrupt can be used to activate the on-chip DTC.
Table 19.4
A/D Converter Interrupt Source
Name
Interrupt Source
Interrupt Flag
DTC Activation
ADI
A/D conversion end
ADF
Enable
19.6
A/D Conversion Accuracy Definitions
This LSI’s A/D conversion accuracy definitions are given below.
• Resolution
The number of A/D converter digital output codes
• Quantization error
The deviation inherent in the A/D converter, given by 1/2 LSB (see figure 19.4).
• Offset error
The deviation of the analog input voltage value from the ideal A/D conversion characteristics
when the digital output changes from the minimum voltage value B'00 0000 0000 (H'000) to
B'00 0000 0001 (H'001) (see figure 19.5).
• Full-scale error
The deviation of the analog input voltage value from the ideal A/D conversion characteristics
when the digital output changes from B'11 1111 1110 (H'3FE) to B'11 1111 1111 (H'3FF) (see
figure 19.5).
• Nonlinearity error
The error with respect to the ideal A/D conversion characteristics between the zero voltage
and the full-scale voltage. Does not include the offset error, full-scale error, or quantization
error (see figure 19.5).
• Absolute accuracy
The deviation between the digital value and the analog input value. Includes the offset error,
full-scale error, quantization error, and nonlinearity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com