công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 778 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 778 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 774Page - Renesas Technology Corp H8S/2114R Datasheet HTML 775Page - Renesas Technology Corp H8S/2114R Datasheet HTML 776Page - Renesas Technology Corp H8S/2114R Datasheet HTML 777Page - Renesas Technology Corp H8S/2114R Datasheet HTML 778Page - Renesas Technology Corp H8S/2114R Datasheet HTML 779Page - Renesas Technology Corp H8S/2114R Datasheet HTML 780Page - Renesas Technology Corp H8S/2114R Datasheet HTML 781Page - Renesas Technology Corp H8S/2114R Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1038 page
background image
Section 19 A/D Converter
Rev. 3.00 Jul. 14, 2005 Page 730 of 986
REJ09B0098-0300
19.7.3
Setting Range of Analog Power Supply and Other Pins
If conditions shown below are not met, the reliability of this LSI may be adversely affected.
• Analog input voltage range
The voltage applied to analog input pin ANn during A/D conversion should be in the range
AVss
≤ ANn ≤ AVref (n = 0 to 7).
• Relation between AVcc, AVss and Vcc, Vss
For the relationship between AVcc, AVss and Vcc, Vss, set AVss = Vss, but AVcc = Vcc is
not necessary and which one is greater does not matter. Even when the A/D converter is not
used, the AVcc and AVss pins must on no account be left open.
• AVref pin range
The reference voltage of the AVref pin should be in the range AVref
≤ AVcc.
19.7.4
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values. Also, digital
circuitry must be isolated from the analog input pins (AN0 to AN7), analog reference voltage
(AVref), and analog power supply voltage (AVcc) by the analog ground (AVss). Also, the analog
ground (AVss) should be connected at one point to a stable ground (Vss) on the board.
19.7.5
Notes on Noise Countermeasures
A protection circuit connected to prevent damage of the analog input pins (AN0 to AN7) and
analog reference voltage pin (AVref) due to an abnormal voltage such as an excessive surge
should be connected between AVcc and AVss, as shown in figure 19.7. Also, the bypass
capacitors connected to AVcc and AVref, and the filter capacitors connected to AN0 to AN7 must
be connected to AVss.
If a filter capacitor is connected, the input currents at the analog input pins (AN0 to AN7) are
averaged, and so an error may arise. Also, when A/D conversion is performed frequently, as in
scan mode, if the current charged and discharged by the capacitance of the sample-and-hold
circuit in the A/D converter exceeds the current input via the input impedance (R
in), an error will
arise in the analog input pin voltage. Careful consideration is therefore required when deciding the
circuit constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com