công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 777 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 777 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 773Page - Renesas Technology Corp H8S/2114R Datasheet HTML 774Page - Renesas Technology Corp H8S/2114R Datasheet HTML 775Page - Renesas Technology Corp H8S/2114R Datasheet HTML 776Page - Renesas Technology Corp H8S/2114R Datasheet HTML 777Page - Renesas Technology Corp H8S/2114R Datasheet HTML 778Page - Renesas Technology Corp H8S/2114R Datasheet HTML 779Page - Renesas Technology Corp H8S/2114R Datasheet HTML 780Page - Renesas Technology Corp H8S/2114R Datasheet HTML 781Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 777 / 1038 page
background image
Section 19 A/D Converter
Rev. 3.00 Jul. 14, 2005 Page 729 of 986
REJ09B0098-0300
19.7
Usage Notes
19.7.1
Permissible Signal Source Impedance
This LSI’s analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 5 k
Ω or less. This specification is provided to
enable the A/D converter’s sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally in single mode, the input load will essentially comprise only the internal input
resistance of 10 k
Ω, and the signal source impedance is ignored. However, since a low-pass filter
effect is obtained in this case, it may not be possible to follow an analog signal with a large
differential coefficient (e.g., voltage fluctuation ratio of 5 mV/µs or greater) (see figure 19.6).
When converting a high-speed analog signal or converting in scan mode, a low-impedance buffer
should be inserted.
19.7.2
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect the absolute accuracy. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that filter circuits do not interfere with digital signals on the
mounting board, so acting as antennas.
A/D converter equivalent circuit
This LSI
20 pF
Cin =
15 pF
10 k
Ω
up to 5 k
Ω
Low-pass
filter C
up to 0.1 µF
Sensor output
impedance
Sensor input
Figure 19.6 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com