công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 771 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 771 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 767Page - Renesas Technology Corp H8S/2114R Datasheet HTML 768Page - Renesas Technology Corp H8S/2114R Datasheet HTML 769Page - Renesas Technology Corp H8S/2114R Datasheet HTML 770Page - Renesas Technology Corp H8S/2114R Datasheet HTML 771Page - Renesas Technology Corp H8S/2114R Datasheet HTML 772Page - Renesas Technology Corp H8S/2114R Datasheet HTML 773Page - Renesas Technology Corp H8S/2114R Datasheet HTML 774Page - Renesas Technology Corp H8S/2114R Datasheet HTML 775Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 1038 page
background image
Section 19 A/D Converter
Rev. 3.00 Jul. 14, 2005 Page 723 of 986
REJ09B0098-0300
19.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes: single mode and scan mode. When changing the operating mode or analog input
channel, to prevent incorrect operation, first clear the ADST bit in ADCSR to 0 to halt A/D
conversion. The ADST bit can be set at the same time the operating mode or analog input channel
is changed.
19.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the specified single channel.
Operations are as follows.
1. A/D conversion on the specified channel is started when the ADST bit in ADCSR is set to 1
by software or an external trigger input.
2. When A/D conversion is completed, the result is transferred to the A/D data register
corresponding to the channel.
3. On completion of A/D conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to
1 at this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion. When conversion ends, the ADST bit
is automatically cleared to 0, and the A/D converter enters wait state.
19.4.2
Scan Mode
In scan mode, A/D conversion is to be performed sequentially on the specified channels (max.
four channels). Operations are as follows.
1. When the ADST bit in ADCSR is set to 1 by software or an external trigger input, A/D
conversion starts on the first channel in the group (AN0 when the CH2 bit in ADCSR is 0, or
AN4 when the CH2 bit in ADCSR is 1).
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the A/D data register corresponding to each channel.
3. When conversion of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested after A/D conversion
ends. Conversion from the first channel in the group starts again.
4. The ADST bit is not automatically cleared to 0 so steps [2] and [3] are repeated as long as the
ADST bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com