công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 772 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 772 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 768Page - Renesas Technology Corp H8S/2114R Datasheet HTML 769Page - Renesas Technology Corp H8S/2114R Datasheet HTML 770Page - Renesas Technology Corp H8S/2114R Datasheet HTML 771Page - Renesas Technology Corp H8S/2114R Datasheet HTML 772Page - Renesas Technology Corp H8S/2114R Datasheet HTML 773Page - Renesas Technology Corp H8S/2114R Datasheet HTML 774Page - Renesas Technology Corp H8S/2114R Datasheet HTML 775Page - Renesas Technology Corp H8S/2114R Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1038 page
background image
Section 19 A/D Converter
Rev. 3.00 Jul. 14, 2005 Page 724 of 986
REJ09B0098-0300
19.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 19.2 shows the A/D conversion timing. Table 19.3 indicates
the A/D conversion time.
As indicated in figure 19.2, the A/D conversion time (t
CONV) includes tD and the input sampling
time (t
SPL). The length of tD varies depending on the timing of write to ADCSR. The total
conversion time therefore varies within the ranges indicated in table 19.3.
In scan mode, the values shown in table 19.3 become those for the first conversion time. For the
second and subsequent conversions, the conversion time is 266 states (fixed) when CKS = 0 and
134 states (fixed) when CKS = 1. Use the conversion time of 134 states only when the system
clock (
φ) is 16 MHz or lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com