công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 769 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 769 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 765Page - Renesas Technology Corp H8S/2114R Datasheet HTML 766Page - Renesas Technology Corp H8S/2114R Datasheet HTML 767Page - Renesas Technology Corp H8S/2114R Datasheet HTML 768Page - Renesas Technology Corp H8S/2114R Datasheet HTML 769Page - Renesas Technology Corp H8S/2114R Datasheet HTML 770Page - Renesas Technology Corp H8S/2114R Datasheet HTML 771Page - Renesas Technology Corp H8S/2114R Datasheet HTML 772Page - Renesas Technology Corp H8S/2114R Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 1038 page
background image
Section 19 A/D Converter
Rev. 3.00 Jul. 14, 2005 Page 721 of 986
REJ09B0098-0300
19.3.2
A/D Control/Status Register (ADCSR)
ADCSR controls A/D converter operation.
Bit
Bit Name Initial Value
R/W
Description
7
ADF
0
R/(W)*
A/D End Flag
A status flag that indicates the end of A/D conversion.
[Setting conditions]
• When A/D conversion ends in single mode
• When A/D conversion ends on all channels
specified in scan mode
[Clearing conditions]
• When 0 is written after reading ADF = 1
• When DTC is activated by an ADI interrupt and
ADDR is read
6
ADIE
0
R/W
A/D Interrupt Enable
Enables ADI interrupt by ADF when this bit is set to 1.
5
ADST
0
R/W
A/D Start
Setting this bit to 1 starts A/D conversion. In single
mode, this bit is cleared to 0 automatically when
conversion on the specified channel ends. In scan
mode, conversion continues sequentially on the
specified channels until this bit is cleared to 0 by
software, a reset, or a transition to standby mode or
module stop mode.
4
SCAN
0
R/W
Scan Mode
Selects the A/D converter operating mode.
0: Single mode
1: Scan mode
Switch the operating mode when ADST = 0.
3
CKS
0
R/W
Clock Select
Sets A/D conversion time.
0: Conversion time is 266 states (max)
1: Conversion time is 134 states (max)
(when the system clock (
φ) is 16 MHz or lower)
Switch conversion time while the ADST bit is cleared
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com