công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 765 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 765 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 761Page - Renesas Technology Corp H8S/2114R Datasheet HTML 762Page - Renesas Technology Corp H8S/2114R Datasheet HTML 763Page - Renesas Technology Corp H8S/2114R Datasheet HTML 764Page - Renesas Technology Corp H8S/2114R Datasheet HTML 765Page - Renesas Technology Corp H8S/2114R Datasheet HTML 766Page - Renesas Technology Corp H8S/2114R Datasheet HTML 767Page - Renesas Technology Corp H8S/2114R Datasheet HTML 768Page - Renesas Technology Corp H8S/2114R Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 1038 page
background image
Section 19 A/D Converter
ADCMS33A_000020020300
Rev. 3.00 Jul. 14, 2005 Page 717 of 986
REJ09B0098-0300
Section 19 A/D Converter
This LSI includes a successive-approximation-type 10-bit A/D converter that allows up to eight
analog input channels to be selected.
19.1
Features
• 10-bit resolution
• Input channels: Eight analog input channels
• Analog conversion voltage range can be specified using the reference power supply voltage
pin (AVref) as an analog reference voltage.
• Conversion time: 13.4 µs per channel (at 20-MHz operation)
• Two kinds of operating modes
Single mode: Single-channel A/D conversion
Scan mode: Continuous A/D conversion on one to four channels
• Four data registers
Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Three kinds of A/D conversion start
Software
Timer (TPU or 8-bit timer) conversion start trigger
External trigger signal
• Interrupt source
A/D conversion end interrupt (ADI) request can be generated
• Module stop mode can be set
A block diagram of the A/D converter is shown in figure 19.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com