công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 566 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 566 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 562Page - Renesas Technology Corp H8S/2114R Datasheet HTML 563Page - Renesas Technology Corp H8S/2114R Datasheet HTML 564Page - Renesas Technology Corp H8S/2114R Datasheet HTML 565Page - Renesas Technology Corp H8S/2114R Datasheet HTML 566Page - Renesas Technology Corp H8S/2114R Datasheet HTML 567Page - Renesas Technology Corp H8S/2114R Datasheet HTML 568Page - Renesas Technology Corp H8S/2114R Datasheet HTML 569Page - Renesas Technology Corp H8S/2114R Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 518 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
[MST clearing conditions]
1. When 0 is written by software
2. When lost in bus contention in I
2C bus format master
mode
[MST setting conditions]
1. When 1 is written by software (for MST clearing
condition 1)
2. When 1 is written in MST after reading MST = 0 (for
MST clearing condition 2)
[TRS clearing conditions]
1. When 0 is written by software (except for TRS setting
condition 3)
2. When 0 is written in TRS after reading TRS = 1 (for
TRS setting condition 3)
3. When lost in bus contention in I
2C bus format master
mode
[TRS setting conditions]
1. When 1 is written by software (except for TRS clearing
condition 3)
2. When 1 is written in TRS after reading TRS = 0 (for
TRS clearing condition 3)
3. When 1 is received as the R/
W bit after the first frame
address matching in I
2C bus format slave mode
3
ACKE
0
R/W
Acknowledge Bit Decision and Selection
0: The value of the acknowledge bit is ignored, and
continuous transfer is performed. The value of the
received acknowledge bit is not indicated by the ACKB
bit in ICSR, which is always 0.
1: If the received acknowledge bit is 1, continuous
transfer is halted.
Depending on the receiving device, the acknowledge bit
may be significant, in indicating completion of processing
of the received data, for instance, or may be fixed at 1 and
have no significance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com