công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 568 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 568 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 564Page - Renesas Technology Corp H8S/2114R Datasheet HTML 565Page - Renesas Technology Corp H8S/2114R Datasheet HTML 566Page - Renesas Technology Corp H8S/2114R Datasheet HTML 567Page - Renesas Technology Corp H8S/2114R Datasheet HTML 568Page - Renesas Technology Corp H8S/2114R Datasheet HTML 569Page - Renesas Technology Corp H8S/2114R Datasheet HTML 570Page - Renesas Technology Corp H8S/2114R Datasheet HTML 571Page - Renesas Technology Corp H8S/2114R Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 520 of 986
REJ09B0098-0300
Bit
Bit Name Initial Value R/W
Description
1
IRIC
0
R/(W)*
2
I
2C Bus Interface Interrupt Request Flag
Indicates that the I
2C bus interface has issued an interrupt
request to the CPU.
IRIC is set at different times depending on the FS bit in
SAR, the FSX bit in SARX, and the WAIT bit in ICMR.
See section 16.4.7, IRIC Setting Timing and SCL Control.
The conditions under which IRIC is set also differ
depending on the setting of the ACKE bit in ICCR.
[Setting conditions]
I
2C bus format master mode:
• When a start condition is detected in the bus line state
after a start condition is issued (when the ICDRE flag
is set to 1 because of first frame transmission)
• When a wait is inserted between the data and
acknowledge bit when the WAIT bit is 1 (fall of the 8th
transmit/receive clock)
• At the end of data transfer (rise of the 9th
transmit/receive clock while no wait is inserted)
• When a slave address is received after bus arbitration
is lost (the first frame after the start condition)
• If 1 is received as the acknowledge bit (when the
ACKB bit in ICSR is set to 1) when the ACKE bit is 1
• When the AL flag is set to 1 after bus arbitration is lost
while the ALIE bit is 1
I
2C bus format slave mode:
• When the slave address (SVA or SVAX) matches
(when the AAS or AASX flag in ICSR is set to 1) and
at the end of data transfer up to the subsequent
retransmission start condition or stop condition
detection (rise of the 9th transmit/receive clock)
• When the general call address is detected (when 0 is
received as the R/
W bit and the ADZ flag in ICSR is
set to 1) and at the end of data reception up to the
subsequent retransmission start condition or stop
condition detection (rise of the 9th receive clock)
• If 1 is received as the acknowledge bit (when the
ACKB bit in ICSR is set to 1) while the ACKE bit is 1
• When a stop condition is detected (when the STOP or
ESTP flag in ICSR is set to 1) while the STOPIM bit is
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com