công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 569 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 569 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 565Page - Renesas Technology Corp H8S/2114R Datasheet HTML 566Page - Renesas Technology Corp H8S/2114R Datasheet HTML 567Page - Renesas Technology Corp H8S/2114R Datasheet HTML 568Page - Renesas Technology Corp H8S/2114R Datasheet HTML 569Page - Renesas Technology Corp H8S/2114R Datasheet HTML 570Page - Renesas Technology Corp H8S/2114R Datasheet HTML 571Page - Renesas Technology Corp H8S/2114R Datasheet HTML 572Page - Renesas Technology Corp H8S/2114R Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 521 of 986
REJ09B0098-0300
Bit Bit Name Initial Value R/W
Description
1
IRIC
0
R/(W) *
2
Clocked synchronous serial format mode:
• At the end of data transfer (rise of the 8th
transmit/receive)
• When a start condition is detected
When the ICDRE or ICDRF flag is set to 1 in any
operating mode:
• When a start condition is detected in transmit mode
(when a start condition is detected in transmit mode
and the ICDRE flag is set to 1)
• When data is transferred among the ICDR register
and buffer (when data is transferred from ICDRT to
ICDRS in transmit mode and the ICDRE flag is set to
1, or when data is transferred from ICDRS to ICDRR
in receive mode and the ICDRF flag is set to 1)
[Clearing conditions]
• When 0 is written in IRIC after reading IRIC = 1
• When ICDR is read/written by the DTC (in some
cases, this condition does not work as clearing
condition, therefore, for details see following
explanation on the operation of DTC)
Notes: 1. The value of the BBSY flag is not changed even though it is written to.
2. Only 0 can be written, to clear the flag.
Using DTC clears the IRIC flag automatically and enables consecutive transfer without CPU.
When, with the I
2C bus format selected, IRIC is set to 1 and an interrupt is generated, other flags
must be checked in order to identify the source that set IRIC to 1. Although each source has a
corresponding flag, caution is needed at the end of a transfer.
When the ICDRE or ICDRF flag is set, the IRTR flag may or may not be set. The IRTR flag
which is a DTC activation source is not set at the end of a data transfer up to detection of a
retransmission start condition or stop condition after a slave address (SVA) or general call address
match in I
2C bus format slave mode.
Even if the IRIC and IRTR flags are set, the ICDRE flag or ICDRF flag may not be set. In the case
of continuous transfer by using the DTC, the IRIC and IRTR flags are not cleared after the
specified number of transfers is completed. While, as the specified number of reading/writing
ICDR has been completed, reading/writing of the ICDRE or ICDRF flag is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com