công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 565 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 565 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 561Page - Renesas Technology Corp H8S/2114R Datasheet HTML 562Page - Renesas Technology Corp H8S/2114R Datasheet HTML 563Page - Renesas Technology Corp H8S/2114R Datasheet HTML 564Page - Renesas Technology Corp H8S/2114R Datasheet HTML 565Page - Renesas Technology Corp H8S/2114R Datasheet HTML 566Page - Renesas Technology Corp H8S/2114R Datasheet HTML 567Page - Renesas Technology Corp H8S/2114R Datasheet HTML 568Page - Renesas Technology Corp H8S/2114R Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 517 of 986
REJ09B0098-0300
16.3.5
I
2C Bus Control Register (ICCR)
ICCR controls the I
2C bus interface and performs interrupt flag confirmation.
Bit
Bit Name
Initial Value R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: I
2C bus interface modules are stopped and I2C bus
interface module internal state is initialized. SAR and
SARX can be accessed.
1: I
2C bus interface modules can perform transfer
operation, and the ports function as the SCL and SDA
input/output pins. ICMR and ICDR can be accessed.
6
IEIC
0
R/W
I
2C Bus Interface Interrupt Enable
0: Disables interrupts from the I
2C bus interface to the CPU
1: Enables interrupts from the I
2C bus interface to the CPU.
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
MST TRS
0
0: Slave receive mode
0
1: Slave transmit mode
1
0: Master receive mode
1
1: Master transmit mode
Both these bits will be cleared by hardware when they lose
in a bus contention in master mode with the I
2C bus format.
In slave receive mode with I
2C bus format, the R/
W bit in
the first frame immediately after the start condition sets
these bits in receive mode or transmit mode automatically
by hardware.
Modification of the TRS bit during transfer is deferred until
transfer is completed, and the changeover is made after
completion of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com