công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 562 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 562 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 558Page - Renesas Technology Corp H8S/2114R Datasheet HTML 559Page - Renesas Technology Corp H8S/2114R Datasheet HTML 560Page - Renesas Technology Corp H8S/2114R Datasheet HTML 561Page - Renesas Technology Corp H8S/2114R Datasheet HTML 562Page - Renesas Technology Corp H8S/2114R Datasheet HTML 563Page - Renesas Technology Corp H8S/2114R Datasheet HTML 564Page - Renesas Technology Corp H8S/2114R Datasheet HTML 565Page - Renesas Technology Corp H8S/2114R Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 514 of 986
REJ09B0098-0300
16.3.4
I
2C Bus Mode Register (ICMR)
ICMR sets the communication format and transfer rate. It can only be accessed when the ICE bit
in ICCR is set to 1.
Bit Bit Name
Initial Value R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion Bit
This bit is valid only in master mode with the I
2C bus
format.
0: Data and the acknowledge bit are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit (8th clock),
the IRIC flag is set to 1 in ICCR, and a wait state begins
(with SCL at the low level). When the IRIC flag is
cleared to 0 in ICCR, the wait ends and the
acknowledge bit is transferred.
For details, see section 16.4.7, IRIC Setting Timing and
SCL Control.
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Transfer Clock Select 2 to 0
These bits are used only in master mode.
These bits select the required transfer rate, together with
the IICX1 (IIC_1) and IICX0 (IIC_0) bits in STCR. See
table 16.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com