công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 560 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 560 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 556Page - Renesas Technology Corp H8S/2114R Datasheet HTML 557Page - Renesas Technology Corp H8S/2114R Datasheet HTML 558Page - Renesas Technology Corp H8S/2114R Datasheet HTML 559Page - Renesas Technology Corp H8S/2114R Datasheet HTML 560Page - Renesas Technology Corp H8S/2114R Datasheet HTML 561Page - Renesas Technology Corp H8S/2114R Datasheet HTML 562Page - Renesas Technology Corp H8S/2114R Datasheet HTML 563Page - Renesas Technology Corp H8S/2114R Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 512 of 986
REJ09B0098-0300
16.3.3
Second Slave Address Register (SARX)
SARX sets the second slave address and selects the communication format. If the LSI is in slave
mode, when received address matches the second slave address, transmission/reception using the
DTC is enabled. If the LSI is in slave mode with the I
2C bus format selected, when the FSX bit is
set to 0 and the upper 7 bits of SARX match the upper 7 bits of the first frame received after a start
condition, the LSI operates as the slave device specified by the master device. SARX can be
accessed only when the ICE bit in ICCR is cleared to 0.
Bit Bit Name
Initial Value R/W
Description
7
6
5
4
3
2
1
SVAX6
SVAX5
SVAX4
SVAX3
SVAX2
SVAX1
SVAX0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Second Slave Address 6 to 0
Set the second slave address.
0
FSX
1
R/W
Format Select X
Selects the communication format together with the FS bit
in SAR. See table 16.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com