công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 554Page - Renesas Technology Corp H8S/2114R Datasheet HTML 555Page - Renesas Technology Corp H8S/2114R Datasheet HTML 556Page - Renesas Technology Corp H8S/2114R Datasheet HTML 557Page - Renesas Technology Corp H8S/2114R Datasheet HTML 558Page - Renesas Technology Corp H8S/2114R Datasheet HTML 559Page - Renesas Technology Corp H8S/2114R Datasheet HTML 560Page - Renesas Technology Corp H8S/2114R Datasheet HTML 561Page - Renesas Technology Corp H8S/2114R Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 510 of 986
REJ09B0098-0300
16.3
Register Descriptions
The I
2C bus interface has the following registers. Registers ICDR and SARX and registers ICMR
and SAR are allocated to the same addresses. Accessible registers differ depending on the ICE bit
in ICCR. When the ICE bit is cleared to 0, SAR and SARX can be accessed, and when the ICE bit
is set to 1, ICMR and ICDR can be accessed. For details on the serial timer control register, see
section 3.2.3, Serial Timer Control Register (STCR).
• I2C bus control register (ICCR)
• I2C bus status register (ICSR)
• I2C bus data register (ICDR)
• I2C bus mode register (ICMR)
• Slave address register (SAR)
• Second slave address register (SARX)
• I2C bus extended control register (ICXR)
• DDC switch register (DDCSWR)*
Note: DDCSWR is available in IIC_0.
16.3.1
I
2C Bus Data Register (ICDR)
ICDR is an 8-bit readable/writable register that is used as a transmit data register when
transmitting and a receive data register when receiving. ICDR is internally divided into a shift
register (ICDRS), receive buffer (ICDRR), and transmit buffer (ICDRT). Data transfers among
these three registers are performed automatically in accordance with changes in the bus state, and
they affect the status of internal flags such as ICDRE and ICDRF.
In master transmit mode with the I
2C bus format, writing transmit data to ICDR should be
performed after start condition detection. When the start condition is detected, previous write data
is ignored. In slave transmit mode, writing should be performed after the slave addresses match
and the TRS bit is automatically changed to 1.
If the IIC is in transmit mode (TRS = 1) and ICDRT has the next data (the ICDRE flag is 0), data
is transferred automatically from ICDRT to ICDRS, following transmission of one frame of data
using ICDRS. When the ICDRE flag is 1 and the next transmit data writing is waited, data is
transferred automatically from ICDRT to ICDRS by writing to ICDR. If I
2C is in receive mode
(TRS = 0), no data is transferred from ICDRT to ICDRS. Note that data should not be written to
ICDR in receive mode.
Reading receive data from ICDR is performed after data is transferred from ICDRS to ICDRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com