công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 555 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 555 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 551Page - Renesas Technology Corp H8S/2114R Datasheet HTML 552Page - Renesas Technology Corp H8S/2114R Datasheet HTML 553Page - Renesas Technology Corp H8S/2114R Datasheet HTML 554Page - Renesas Technology Corp H8S/2114R Datasheet HTML 555Page - Renesas Technology Corp H8S/2114R Datasheet HTML 556Page - Renesas Technology Corp H8S/2114R Datasheet HTML 557Page - Renesas Technology Corp H8S/2114R Datasheet HTML 558Page - Renesas Technology Corp H8S/2114R Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 507 of 986
REJ09B0098-0300
Figure 16.1 shows a block diagram of the I
2C bus interface. Figure 16.2 shows an example of I/O
pin connections to external circuits. Since I
2C bus interface I/O pins are different in structure from
normal port pins, they have different specifications for permissible applied voltages. For details,
see section 26, Electrical Characteristics.
φ
SCL
ExSCLA
ExSCLB
PS
Noise
canceler
Bus state
decision
circuit
Arbitration
decision
circuit
Output data
control
circuit
ICCR
Clock
control
ICXR
ICMR
ICSR
ICDRS
Address
comparator
SAR, SARX
SDA
Noise
canceler
Interrupt
generator
Interrupt
request
ICDRR
ICDRT
[Legend]
ICCR:
ICMR:
ICSR:
ICDR:
ICXR:
SAR:
SARX:
PS:
Note : * An input/output pin can be
selected among three pins.
I
2C bus control register
I
2C bus mode register
I
2C bus status register
I
2C bus data register
I
2C bus extended control register
Slave address register
Slave address register X
Prescaler
ExSDAA
ExSDAB
*
*
Figure 16.1 Block Diagram of I
2C Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com