công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 553 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 553 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 549Page - Renesas Technology Corp H8S/2114R Datasheet HTML 550Page - Renesas Technology Corp H8S/2114R Datasheet HTML 551Page - Renesas Technology Corp H8S/2114R Datasheet HTML 552Page - Renesas Technology Corp H8S/2114R Datasheet HTML 553Page - Renesas Technology Corp H8S/2114R Datasheet HTML 554Page - Renesas Technology Corp H8S/2114R Datasheet HTML 555Page - Renesas Technology Corp H8S/2114R Datasheet HTML 556Page - Renesas Technology Corp H8S/2114R Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
IFIIC60B_000020020800
Rev. 3.00 Jul. 14, 2005 Page 505 of 986
REJ09B0098-0300
Section 16 I
2C Bus Interface (IIC)
This LSI has a two-channel I
2C bus interface. The I2C bus interface conforms to and provides a
subset of the Philips I
2C bus (inter-IC bus) interface functions. The register configuration that
controls the I
2C bus differs partly from the Philips configuration, however.
16.1
Features
• Selection of addressing format or non-addressing format
 I2C bus format: addressing format with an acknowledge bit, for master/slave operation
 Clocked synchronous serial format: non-addressing format without an acknowledge bit, for
master operation only
• Conforms to Philips I2C bus interface (I2C bus format)
• Two ways of setting slave address (I2C bus format)
• Start and stop conditions generated automatically in master mode (I2C bus format)
• Selection of the acknowledge output level in reception (I2C bus format)
• Automatic loading of an acknowledge bit in transmission (I2C bus format)
• Wait function in master mode (I2C bus format)
 A wait can be inserted by driving the SCL pin low after data transfer, excluding
acknowledgement.
 The wait can be cleared by clearing the interrupt flag.
• Wait function (I2C bus format)
 A wait request can be generated by driving the SCL pin low after data transfer.
 The wait request is cleared when the next transfer becomes possible.
• Interrupt sources
 Data transfer end (including when a transition to transmit mode with I2C bus format occurs,
when ICDR data is transferred from ICDRT to ICDRS or from ICDRS to ICDRR, or
during a wait state)
 Address match: When any slave address matches or the general call address is received in
slave receive mode with I
2C bus format (including address reception after loss of master
arbitration)
 Arbitration lost
 Start condition detection (in master mode)
 Stop condition detection (in slave mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com