công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 899 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 899 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 895Page - Renesas Technology Corp H8S/20223 Datasheet HTML 896Page - Renesas Technology Corp H8S/20223 Datasheet HTML 897Page - Renesas Technology Corp H8S/20223 Datasheet HTML 898Page - Renesas Technology Corp H8S/20223 Datasheet HTML 899Page - Renesas Technology Corp H8S/20223 Datasheet HTML 900Page - Renesas Technology Corp H8S/20223 Datasheet HTML 901Page - Renesas Technology Corp H8S/20223 Datasheet HTML 902Page - Renesas Technology Corp H8S/20223 Datasheet HTML 903Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 899 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 873 of 962
REJ09B0465-0100
(2) Low Voltage Detect Interrupt 2 (LVDI2)
LVDI2 is an interrupt generated by the LVD2 circuit. Figure 26.8 shows the operation timing of
LVDI2.
The LVD2 enters the module-standby state after release from a power-on reset. To operate the
LVDI2, set the VD2E bit in LD2CRL to 1, wait for TBD
µs (t
LVD2ON) until the detection voltage and
the low-voltage detection circuit 2 operation have stabilized using a software timer, etc., then clear
the VD2MS bit to 0 and set the VD2RE bit to 1 in LD2CRH. After that, the output settings of I/O
ports must be made. To cancel the LVDI2, first the VD2RE bit in LD2CRH should be cleared to 0
and then the VD2E bit in LD2CRL should be cleared to 0. Figure 26.9 shows the procedure to set
the LVDI2.
When the power-supply voltage falls below Vdet2, the LVDI2 clears the
LVDINT2 signal to 0
and the VD2DFS bit in LD2CRH is set to 1. If the VD2DFS or VD2IRCS bit in LD2CRH is 1 at
this time, an LVD2 interrupt request is simultaneously generated. In this case, the necessary data
must be saved in the on-chip flash memory area or external EEPROM, etc, and a transition must
be made to standby mode or sleep mode. Until this processing is completed, the power supply
voltage must be higher than the lower limit of the guaranteed operating voltage.
When the power-supply voltage does not fall below Vdet0 but rises above Vdet2, the LVDI2 sets
the
LVDINT2 signal to 1 and set the VD2UF bit in LD2CRH to 1. If the VD2DFS bit in LD2CRH
is 1 or the VD2IRCS bit in LD2CRH is 0 at this time, an LVD2 interrupt request is simultaneously
generated.
If the power supply voltage falls below Vdet0, a power-on reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com