công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 897 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 897 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 893Page - Renesas Technology Corp H8S/20223 Datasheet HTML 894Page - Renesas Technology Corp H8S/20223 Datasheet HTML 895Page - Renesas Technology Corp H8S/20223 Datasheet HTML 896Page - Renesas Technology Corp H8S/20223 Datasheet HTML 897Page - Renesas Technology Corp H8S/20223 Datasheet HTML 898Page - Renesas Technology Corp H8S/20223 Datasheet HTML 899Page - Renesas Technology Corp H8S/20223 Datasheet HTML 900Page - Renesas Technology Corp H8S/20223 Datasheet HTML 901Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 871 of 962
REJ09B0465-0100
26.3.2
Low-Voltage Detection Circuit
(1) Low Voltage Detect Reset 2 (LVDR2)
LVDR2 is a reset generated by the LVD2 circuit. Figure 26.6 shows the operation timing of the
LVDR2.
The LVD2 enters the module-standby state after release from a power-on reset. To operate the
LVDR2, set the VD2E bit in LD2CRL to 1, wait for TBD
µs (t
LVD2ON) until the detection voltage
and the low-voltage detection circuit 2 operation have stabilized using a software timer, etc., then
set the VD2MS and VD2RE bits in LD2CRH to 1. After that, the output settings of I/O ports must
be made. To cancel the LVDR2, first the VD2RE bit in LD2CRH should be cleared to 0 and then
the VD2E bit in LD2CRL should be cleared to 0. Figure 26.7 shows the procedure to set the
LVDR2.
When the power-supply voltage falls below Vdet2, the LVDR2 clears the
LVDRES2 signal to 0,
and resets the prescaler. The low-voltage detection reset state remains in place until a power-on
reset is generated. When the power-supply voltage rises above the Vdet2 voltage again, the
prescaler starts counting. It counts 32
φloco cycles, and then releases the internal reset signal.
Note that if the power supply voltage falls below V
LVDR2min = TBD V and then rises from that point,
the LVDR2 may not occur. Such a case should be evaluated thoroughly.
If the power supply voltage falls below Vdet0, a power-on reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com