công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 746 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 746 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 742Page - Renesas Technology Corp H8S/20223 Datasheet HTML 743Page - Renesas Technology Corp H8S/20223 Datasheet HTML 744Page - Renesas Technology Corp H8S/20223 Datasheet HTML 745Page - Renesas Technology Corp H8S/20223 Datasheet HTML 746Page - Renesas Technology Corp H8S/20223 Datasheet HTML 747Page - Renesas Technology Corp H8S/20223 Datasheet HTML 748Page - Renesas Technology Corp H8S/20223 Datasheet HTML 749Page - Renesas Technology Corp H8S/20223 Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 720 of 962
REJ09B0465-0100
20.6
IrDA Operation
The SCI3_2 provides the IrDA function. If the IrDA function is enabled using the IrE bit in IrCR,
the TxD_2 and RxD_2 pins in SCI2_3 are allowed to encode and decode the waveform based on
the IrDA Specifications version 1.0 (function as the IrTxD and IrRxD pins)*. Connecting these
pins to the infrared data transceiver achieves infrared data communications based on the system
defined by the IrDA Specifications version 1.0.
In the system defined by the IrDA Specifications version 1.0, communication is started at a
transfer rate of 9600 bps, which can be modified later as required. Since the IrDA interface
provided by this LSI does not incorporate the capability of automatic modification of the transfer
rate, the transfer rate must be modified through programming.
Figure 20.19 is the IrDA block diagram.
IrDA
Pulse encoder
Pulse decoder
IrCR
TXD_2/IrTxD
RXD_2/IrRxD
SCI3_2
TxD
RxD
Phase
inversion
Phase
inversion
Figure 20.19 IrDA Block Diagram
IrDA operation should be set according to the following procedures.
(1) Set the corresponding pin in the MCR register or PMR register.
(2) Set the IrCR register.
(3) Set the register related to SCI3_2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com