công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 745 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 745 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 741Page - Renesas Technology Corp H8S/20223 Datasheet HTML 742Page - Renesas Technology Corp H8S/20223 Datasheet HTML 743Page - Renesas Technology Corp H8S/20223 Datasheet HTML 744Page - Renesas Technology Corp H8S/20223 Datasheet HTML 745Page - Renesas Technology Corp H8S/20223 Datasheet HTML 746Page - Renesas Technology Corp H8S/20223 Datasheet HTML 747Page - Renesas Technology Corp H8S/20223 Datasheet HTML 748Page - Renesas Technology Corp H8S/20223 Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 719 of 962
REJ09B0465-0100
1 frame
Start
bit
Start
bit
Receive
data (ID1)
Receive data
(Data1)
MPB
MPB
Stop
bit
Stop
bit
Mark state
(idle state)
1 frame
0
1D0
D1
D7
1
1
1
1
0D0
D1
D7
ID1
0
Serial
data
MPIE
RDRF
RDR
value
RDR
value
LSI
operation
RXI interrupt
request
MPIE cleared
to 0
User
processing
RDRF flag
cleared
to 0
RXI interrupt request
is not generated, and
RDR retains its state
RDR data read
When data is not
this station's ID,
MPIE is set to 1
again
1 frame
Start
bit
Start
bit
Receive
data (ID2)
Receive data
(Data2)
MPB
MPB
Stop
bit
Stop
bit
Mark state
(idle state)
1 frame
0
1D0
D1
D7
1
1
1
1
0
(a) When data does not match this receiver's ID
(b) When data matches this receiver's ID
D0
D1
D7
ID2
Data2
ID1
0
Serial
data
MPIE
RDRF
LSI
operation
RXI interrupt
request
MPIE cleared
to 0
User
processing
RDRF flag
cleared
to 0
RXI interrupt
request
RDRF flag
cleared
to 0
RDR data read
When data is
this station's
ID, reception
is continued
RDR data read
MPIE set to 1
again
Figure 20.18 Example of Reception Using Multiprocessor Format
(Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com