công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 695 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 695 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 691Page - Renesas Technology Corp H8S/20223 Datasheet HTML 692Page - Renesas Technology Corp H8S/20223 Datasheet HTML 693Page - Renesas Technology Corp H8S/20223 Datasheet HTML 694Page - Renesas Technology Corp H8S/20223 Datasheet HTML 695Page - Renesas Technology Corp H8S/20223 Datasheet HTML 696Page - Renesas Technology Corp H8S/20223 Datasheet HTML 697Page - Renesas Technology Corp H8S/20223 Datasheet HTML 698Page - Renesas Technology Corp H8S/20223 Datasheet HTML 699Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 992 page
background image
Section 19 Watchdog Timer (WDT)
Rev. 1.00 Oct. 03, 2008 Page 669 of 962
REJ09B0465-0100
19.2.3
Timer Mode Register WD (TMWD)
Address:
Bit:
Value after reset:
b7
1
b6
1
b5
1
b4
1
b3
0
b2
0
b1
0
b0
0
H'FFFF99
CKS[3:0]
Bit
Symbol
Bit Name
Description
R/W
7 to 4
Reserved
These bits are read as 1. The write value should
always be 1.
3 to 0
CKS[3:0]
Clock select
0000: Internal clock: counts on
φloco/8 (initial value)
0001: Internal clock: counts on
φloco/32
0010: Internal clock: counts on
φloco/128
0011: Internal clock: counts on
φloco/512
0100: Internal clock: counts on
φloco/1024
0101: Internal clock: counts on sub/4
0110: Internal clock: counts on
φsub/256
0111: Clock input prohibited.
1000: Internal clock: counts on
φ/64
1001: Internal clock: counts on
φ/128
1010: Internal clock: counts on
φ/256
1011: Internal clock: counts on
φ/512
1100: Internal clock: counts on
φ/1024
1101: Internal clock: counts on
φ/2048
1110: Internal clock: counts on
φ/4096
1111: Internal clock: counts on
φ8192
R/W
• CK3[3:0] bits (clock select)
The method by which this register is written differs from other registers. The register must be
written by using the MOV instruction twice in succession. First, write the data to be loaded to
TMWD in a first operation, then write a bit reversal value of the data to be loaded in a second
operation. When correct operation is executed, CKS[3:0] bits are rewritten after the second
write. If the first data and the second reversal data do not match, all bits are not modified. Set
CK3[3:0] bits to B'0111 (clock input prohibited) to stop WDT operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com