công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 694 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 694 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 690Page - Renesas Technology Corp H8S/20223 Datasheet HTML 691Page - Renesas Technology Corp H8S/20223 Datasheet HTML 692Page - Renesas Technology Corp H8S/20223 Datasheet HTML 693Page - Renesas Technology Corp H8S/20223 Datasheet HTML 694Page - Renesas Technology Corp H8S/20223 Datasheet HTML 695Page - Renesas Technology Corp H8S/20223 Datasheet HTML 696Page - Renesas Technology Corp H8S/20223 Datasheet HTML 697Page - Renesas Technology Corp H8S/20223 Datasheet HTML 698Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 992 page
background image
Section 19 Watchdog Timer (WDT)
Rev. 1.00 Oct. 03, 2008 Page 668 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
3
TMWLOCK Timer mode
register WD
lockdown
This register is write-protected when this bit is 1. Once
this bit is set to 1, this bit can be cleared only by a reset.
0: Writing to the TMWD register is enabled.
1: Writing to the TMWD register is disabled.
[Setting condition]
• When 1 is written to this bit
[Clearing condition]
• Resetting
R/W
2
TMWI
Timer mode
register write
inhibit
0: Writing to the TMWD register is enabled.
1: Writing to the TMWD register is disabled.
[Setting conditions]
• This bit is automatically set to 1 after TMWD is written
to.
• When 1 is written to this bit.
[Clearing condition]
• When 0 is written to TMWI while TMWI is 1
R/W
1, 0
Reserved
These bits are read as 1. The write value should always
be 1.
Note:
TCSRWD must be rewritten by using the MOV instruction. The bit manipulation instruction
cannot be used to change the setting value.
19.2.2
Timer Counter WD (TCWD)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FFFF98
TCWD is an 8-bit readable/writable up-counter. When TCWD overflows from H'FF to H'00, the
internal reset signal is generated. TCWD is initialized to H'00. TCWD can also be used as a
periodic timer. It issues an interrupt request to the CPU when the upper two bits in TCWD are
B'01, B'10, or B'11 according to the TICRWD setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com