công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 668 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 668 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 664Page - Renesas Technology Corp H8S/20223 Datasheet HTML 665Page - Renesas Technology Corp H8S/20223 Datasheet HTML 666Page - Renesas Technology Corp H8S/20223 Datasheet HTML 667Page - Renesas Technology Corp H8S/20223 Datasheet HTML 668Page - Renesas Technology Corp H8S/20223 Datasheet HTML 669Page - Renesas Technology Corp H8S/20223 Datasheet HTML 670Page - Renesas Technology Corp H8S/20223 Datasheet HTML 671Page - Renesas Technology Corp H8S/20223 Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 642 of 962
REJ09B0465-0100
• TGIOB pin
Register
Name
PMR PCR TRGMDR TRGIOR
Bit Name
PMR PCR PWM
IOB2 to
IOB0
Function
X
X
001, 01X
Timer mode waveform output (output compare
function)
1
X
X
1XX
Timer mode (input capture function)
1
X
XXX
General output port
Setting
values
0
0
X
XXX
General input port
[Legend]
X:
Don't care.
Note:
In timer mode (input capture function), do not select the relevant I/O pin to be an output in
the port control register.
18.3.1
Timer Mode
TRGCNT performs up-counting, and is also capable of free-running operation, periodic counting,
and external event counting.
Each of GRA and GRB can be used as an input capture register or output compare register.
(1) Waveform Output by Compare Match:
The TPU can perform 0, 1, or toggle output from the corresponding output pin using a compare
match.
(a) Example of setting procedure for waveform output by compare match
Figure 18.2 shows an example of the setting procedure for waveform output by a compare match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com