| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20223 bảng dữ liệu(PDF) 665 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20223 bảng dữ liệu(HTML) 665 Page - Renesas Technology Corp |
|
665 / 992 page ![]() Section 18 Timer RG Rev. 1.00 Oct. 03, 2008 Page 639 of 962 REJ09B0465-0100 18.2.8 General Registers A and B (GRA, GRB), GRA and GRB Buffer Registers (BRA, BRB) H'FF0642 GRA H'FF0644 GRB H'FF064C BRA H'FF064E BRB b15 1 b14 1 b13 1 b12 1 b11 1 b10 1 b9 1 b8 1 b7 1 b6 1 b5 1 b4 1 b3 1 b2 1 b1 1 b0 1 b15 1 b14 1 b13 1 b12 1 b11 1 b10 1 b9 1 b8 1 b7 1 b6 1 b5 1 b4 1 b3 1 b2 1 b1 1 b0 1 b15 1 b14 1 b13 1 b12 1 b11 1 b10 1 b9 1 b8 1 b7 1 b6 1 b5 1 b4 1 b3 1 b2 1 b1 1 b0 1 b15 1 b14 1 b13 1 b12 1 b11 1 b10 1 b9 1 b8 1 b7 1 b6 1 b5 1 b4 1 b3 1 b2 1 b1 1 b0 1 Address: Bit: Value after reset: Address: Bit: Value after reset: Address: Bit: Value after reset: Address: Bit: Value after reset: Each of GRA and GRB is a 16-bit readable/writable register that can function as either an output- compare register or an input-capture register. The function is selected with TRGIOR. When a general register is used as an output-compare register, its value is constantly compared with the TRGCNT value. When the two values match (a compare match), the corresponding flag (the IMFA or IMFB bit) in TRGSR is set to 1. A compare match output can be selected in TRGIOR. When a general register is used as an input-capture register, an external input-capture signal is detected and the current TRGCNT value is stored in the general register. The corresponding flag (the IMFA or IMFB bit) in TRGSR is set to 1. The edge of the input-capture signal is selected in TRGIOR. The setting of TRGIOR is ignored in PWM mode. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |