công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 627 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 627 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 623Page - Renesas Technology Corp H8S/20223 Datasheet HTML 624Page - Renesas Technology Corp H8S/20223 Datasheet HTML 625Page - Renesas Technology Corp H8S/20223 Datasheet HTML 626Page - Renesas Technology Corp H8S/20223 Datasheet HTML 627Page - Renesas Technology Corp H8S/20223 Datasheet HTML 628Page - Renesas Technology Corp H8S/20223 Datasheet HTML 629Page - Renesas Technology Corp H8S/20223 Datasheet HTML 630Page - Renesas Technology Corp H8S/20223 Datasheet HTML 631Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 601 of 962
REJ09B0465-0100
(11) Restrictions on Access to Registers when Internal
φ40 Clock is Selected as Counter
Clock
When the internal
φ40 clock is selected as the counter clock (the TPSC[2:0] bits in TRDCR =
110), if any register of timer RD is to be read immediately after writing to another register in a
given module, proceed with reading after having executed one NOP instruction.
Timer RD unit 0 and 1 are considered to be separate modules, but channels 0 and 1 (or channels 2
and 3) of the same unit are considered to be in the same module.
Write to TRDSTR.
Execute NOP.
Read TRDCNT.
Figure 16.74 Example of Flow for Reading Immediately after Writing to a Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com