công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 626 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 626 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 622Page - Renesas Technology Corp H8S/20223 Datasheet HTML 623Page - Renesas Technology Corp H8S/20223 Datasheet HTML 624Page - Renesas Technology Corp H8S/20223 Datasheet HTML 625Page - Renesas Technology Corp H8S/20223 Datasheet HTML 626Page - Renesas Technology Corp H8S/20223 Datasheet HTML 627Page - Renesas Technology Corp H8S/20223 Datasheet HTML 628Page - Renesas Technology Corp H8S/20223 Datasheet HTML 629Page - Renesas Technology Corp H8S/20223 Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 600 of 962
REJ09B0465-0100
Compare match
signal B0
φ
FTIOB0 pin
TRDOCR
write signal
Set value
Bit
TRDOCR
00
0
0
0110
76
5
4
3210
TOD1
TOC1
TOB1
TOA1
TOD0
TOC0
TOB0
TOA0
Expected
output
Remains high because the 1 writing to TOB has priority
TRDOCR has been set to H'06. Compare match B0 and compare match C0 are used. The FTIOB0 pin is in the 1
output state, and is set to the toggle output or the 0 output by compare match B0.
When BCLR#2, @TRDOCR is executed to clear the TOC0 bit (the FTIOC0 signal is low) and compare match B0
occurs at the same timing as shown below, the H'02 writing to TRDOCR has priority and compare match B0 does
not drive the FTIOB0 signal low; the FTIOB0 signal remains high.
BCLR#2, @TRDOCR
(1) TRDOCR read operation: Read H'06
(2) Modify operation: Modify H'06 to H'02
(3) Write operation to TRDOCR: Write H'02
Figure 16.73 When Compare Match and Bit Manipulation Instruction to TRDOCR
Occur at the Same Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com