công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 587 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 587 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 583Page - Renesas Technology Corp H8S/20223 Datasheet HTML 584Page - Renesas Technology Corp H8S/20223 Datasheet HTML 585Page - Renesas Technology Corp H8S/20223 Datasheet HTML 586Page - Renesas Technology Corp H8S/20223 Datasheet HTML 587Page - Renesas Technology Corp H8S/20223 Datasheet HTML 588Page - Renesas Technology Corp H8S/20223 Datasheet HTML 589Page - Renesas Technology Corp H8S/20223 Datasheet HTML 590Page - Renesas Technology Corp H8S/20223 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 561 of 962
REJ09B0465-0100
16.3.7
Complementary PWM Mode
Three PWM waveforms for non-overlapped normal and counter phases are output by combining
channels 0 and 1.
In complementary PWM mode, the FTIOB0 to FTIOD0 and FTIOA1 to FTIOD1 pins become
PWM-output pins automatically. TRDCNT_0 and TRDCNT_1 perform an increment or
decrement operation. Tables 16.7 and 16.8 show the output pins and register settings in
complementary PWM mode, respectively.
Figure 16.29 shows the example of complementary PWM mode setting procedure.
Table 16.7
Output Pins in Complementary PWM Mode
Channel
Pin Name
Input/Output
Pin Function
0
FTIOC0
Output
Toggle output in synchronous with PWM cycle
0
FTIOB0
Output
PWM output 1
0
FTIOD0
Output
PWM output 1 (counter-phase waveform non-
overlapped with PWM output 1)
1
FTIOA1
Output
PWM output 2
1
FTIOC1
Output
PWM output 2 (counter-phase waveform non-
overlapped with PWM output 2)
1
FTIOB1
Output
PWM output 3
1
FTIOD1
Output
PWM output 3 (counter-phase waveform non-
overlapped with PWM output 3)
Table 16.8
Register Settings in Complementary PWM Mode
Register
Description
TRDCNT_0
Initial setting of non-overlapped periods (non-overlapped periods are differences
with TRDCNT_1)
TRDCNT_1
Initial setting of H'0000
GRA_0
Sets (upper limit value – 1) of TRDCNT_0
GRB_0
Set a changing point of the PWM waveform output from pins FTIOB0 and
FTIOD0.
GRA_1
Set a changing point of the PWM waveform output from pins FTIOA1 and
FTIOC1.
GRB_1
Set a changing point of the PWM waveform output from pins FTIOB1 and
FTIOD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com