công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 583 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 583 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 579Page - Renesas Technology Corp H8S/20223 Datasheet HTML 580Page - Renesas Technology Corp H8S/20223 Datasheet HTML 581Page - Renesas Technology Corp H8S/20223 Datasheet HTML 582Page - Renesas Technology Corp H8S/20223 Datasheet HTML 583Page - Renesas Technology Corp H8S/20223 Datasheet HTML 584Page - Renesas Technology Corp H8S/20223 Datasheet HTML 585Page - Renesas Technology Corp H8S/20223 Datasheet HTML 586Page - Renesas Technology Corp H8S/20223 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 557 of 962
REJ09B0465-0100
16.3.6
Reset Synchronous PWM Mode
Three normal- and counter-phase PWM waveforms are output by combining channels 0 and 1 that
one of changing points of waveforms will be common.
In reset synchronous PWM mode, the FTIOB0 to FTIOD0 and FTIOA1 to FTIOD1 pins become
PWM-output pins automatically. TRDCNT_0 performs an increment operation. Tables 16.5 and
16.6 show the PWM-output pins used and the register settings, respectively.
Figure 16.29 shows the example of reset synchronous PWM mode setting procedure.
Table 16.5
Output Pins in Reset Synchronous PWM Mode
Channel
Pin Name
Input/Output
Pin Function
0
FTIOC0
Output
Toggle output in synchronous with PWM cycle
0
FTIOB0
Output
PWM output 1
0
FTIOD0
Output
PWM output 1 (counter-phase waveform of PWM
output 1)
1
FTIOA1
Output
PWM output 2
1
FTIOC1
Output
PWM output 2 (counter-phase waveform of PWM
output 2)
1
FTIOB1
Output
PWM output 3
1
FTIOD1
Output
PWM output 3 (counter-phase waveform of PWM
output 3)
Table 16.6
Register Settings in Reset Synchronous PWM Mode
Register
Description
TRDCNT_0
Initial setting of H'0000
TRDCNT_1
Not used (independently operates)
GRA_0
Sets counter cycle of TRDCNT_0
GRB_0
Set a changing point of the PWM waveform output from pins FTIOB0 and
FTIOD0.
GRA_1
Set a changing point of the PWM waveform output from pins FTIOA1 and
FTIOC1.
GRB_1
Set a changing point of the PWM waveform output from pins FTIOB1 and
FTIOD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com