công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 577 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 577 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 573Page - Renesas Technology Corp H8S/20223 Datasheet HTML 574Page - Renesas Technology Corp H8S/20223 Datasheet HTML 575Page - Renesas Technology Corp H8S/20223 Datasheet HTML 576Page - Renesas Technology Corp H8S/20223 Datasheet HTML 577Page - Renesas Technology Corp H8S/20223 Datasheet HTML 578Page - Renesas Technology Corp H8S/20223 Datasheet HTML 579Page - Renesas Technology Corp H8S/20223 Datasheet HTML 580Page - Renesas Technology Corp H8S/20223 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 551 of 962
REJ09B0465-0100
Figure 16.20 shows an example of synchronous operation. In this example, synchronous operation
has been selected, FTIOB0 and FTIOB1 have been designated for PWM mode, GRA_0 compare
match has been set as the channel 0 counter clearing source, and synchronous clearing has been set
for the channel 1 counter clearing source. The same input clock has been set for the channel 0 and
channel 1 counter input clocks. Two-phase PWM waveforms are output from pins FTIOB0 and
FTIOB1. At this time, synchronous presetting and synchronous operation by GRA_0 compare
match are performed by TRDCNT counters.
For details on PWM mode, see section 16.3.5, PWM Mode.
GRA_0
Time
Synchronous clearing by GRA_0 compare match
TRDCNT values
GRA_1
GRB_0
GRB_1
H'0000
FTIOB0
FTIOB1
Figure 16.20 Example of Synchronous Operation
16.3.5
PWM Mode
In PWM mode, PWM waveforms are output from the FTIOB, FTIOC, and FTIOD output pins
with GRA as a cycle register and GRB, GRC, and GRD as duty registers. The initial output level
of the corresponding pin depends on the setting values of TRDOCR and POCR. Table 16.4 shows
an example of the initial output level of the FTIOB0 pin.
The output level is determined by the POLB to POLD bits corresponding to POCR. When POLB
is 0, the FTIOB output pin is set to 0 by compare match B and set to 1 by compare match A. When
POLB is 1, the FTIOB output pin is set to 1 by compare match B and cleared to 0 by compare
match A. In PWM mode, maximum 6-phase PWM outputs are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com