công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 576 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 576 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 572Page - Renesas Technology Corp H8S/20223 Datasheet HTML 573Page - Renesas Technology Corp H8S/20223 Datasheet HTML 574Page - Renesas Technology Corp H8S/20223 Datasheet HTML 575Page - Renesas Technology Corp H8S/20223 Datasheet HTML 576Page - Renesas Technology Corp H8S/20223 Datasheet HTML 577Page - Renesas Technology Corp H8S/20223 Datasheet HTML 578Page - Renesas Technology Corp H8S/20223 Datasheet HTML 579Page - Renesas Technology Corp H8S/20223 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 550 of 962
REJ09B0465-0100
16.3.4
Synchronous Operation
In synchronous operation, the values in a number of TRDCNT counters can be rewritten
simultaneously (synchronous presetting). Also, a number of TRDCNT counters can be cleared
simultaneously by making the appropriate setting in TRDCR (synchronous clearing). Synchronous
operation enables GR to be increased with respect to a single time base.
Figure 16.19 shows an example of the synchronous operation setting procedure.
No
Yes
Synchronous operation
selection
Clearing
source generation
channel?
Set synchronous
operation
Select counter
clearing source
Synchronous presetting
Set TRDCNT
Synchronous clearing
[1]
[2]
[3]
Select counter
clearing source
[4]
Start counter operation
[5]
Start counter operation
[5]
[1]
Set the SYNC bits in TRDMDR to 1.
[2]
When a value is written to either of the TRDCNT counters, the same value is simultaneously written to the other
TRDCNT counter.
[3]
Set bits CCLR1 and CCLR0 in TRDCR to specify counter clearing by compare match/input capture.
[4]
Set bits CCLR1 and CCLR0 in TRDCR to designate synchronous clearing for the counter clearing source.
[5]
Set the STR bit in TRDSTR to 1 to start the count operation.
<Synchronous presetting>
<Synchronous clearing>
<Counter clearing>
Figure 16.19 Example of Synchronous Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com