công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 751 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 751 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 747Page - Renesas Technology Corp H8S/20203 Datasheet HTML 748Page - Renesas Technology Corp H8S/20203 Datasheet HTML 749Page - Renesas Technology Corp H8S/20203 Datasheet HTML 750Page - Renesas Technology Corp H8S/20203 Datasheet HTML 751Page - Renesas Technology Corp H8S/20203 Datasheet HTML 752Page - Renesas Technology Corp H8S/20203 Datasheet HTML 753Page - Renesas Technology Corp H8S/20203 Datasheet HTML 754Page - Renesas Technology Corp H8S/20203 Datasheet HTML 755Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 725 of 962
REJ09B0465-0100
20.9
Usage Notes
20.9.1
Break Detection and Processing
When framing error detection is performed, a break can be detected by reading the RXD pin value
directly. In a break, the input from the RXD pin becomes all 0s, setting the FER flag, and possibly
the PER flag. Note that as the SCI3 continues the receive operation after receiving a break, even if
the FER flag is cleared to 0, it will be set to 1 again.
20.9.2
Mark State and Break Sending
When the PMR bit corresponding to the pin selected by the PMC is 0, the TXD pin is used as an
I/O port whose direction (input or output) and level are determined by PCR and PDR. This can be
used to set the TXD pin to mark state (high level) or send a break during data transmission. To
maintain the communication line at mark state until the PMR bit is set to 1, set both PCR and PDR
to 1. As the PMR bit is cleared to 0 at this point, the TXD pin becomes an I/O port, and 1 is output
from the TXD pin. To send a break during transmission, first set PCR to 1 and clear PDR to 0, and
then clear the PMR bit to 0. When the PMR bit is cleared to 0, the transmitter is initialized
regardless of the current transmission state, the TXD pin becomes an I/O port, and 0 is output
from the TXD pin.
20.9.3
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (OER, PER, or FER) is set to 1, even if
the TDRE flag is cleared to 0. Be sure to clear the receive error flags to 0 before starting
transmission. Note also that receive error flags cannot be cleared to 0 even if the RE bit is cleared
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com