công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 755 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 755 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 751Page - Renesas Technology Corp H8S/20203 Datasheet HTML 752Page - Renesas Technology Corp H8S/20203 Datasheet HTML 753Page - Renesas Technology Corp H8S/20203 Datasheet HTML 754Page - Renesas Technology Corp H8S/20203 Datasheet HTML 755Page - Renesas Technology Corp H8S/20203 Datasheet HTML 756Page - Renesas Technology Corp H8S/20203 Datasheet HTML 757Page - Renesas Technology Corp H8S/20203 Datasheet HTML 758Page - Renesas Technology Corp H8S/20203 Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 729 of 962
REJ09B0465-0100
Section 21 I
2C Bus Interface 2 (IIC2)
The I
2C bus interface 2 conforms to and provides a subset of the Philips I2C bus (inter-IC bus)
interface functions. The register configuration that controls the I
2C bus differs partly from the
Philips configuration, however. Figure 21.1 shows a block diagram of the I
2C bus interface 2.
Figure 21.2 shows an example of I/O pin connections to external circuits.
Either the IIC2 or SSU incorporated in this LSI can be used at a time. Accordingly, when the IIC2
function is used, the SSU function is not available.
21.1
Features
• Selectable for I2C bus format or clock synchronous serial format
• Continuous transmission/reception
Since the shift register, transmit data register, and receive data register are independent from
each other, the continuous transmission/reception can be performed.
I
2C Bus Format:
• Start and stop conditions generated automatically in master mode
• Selectable for acknowledge output levels when receiving
• Automatic loading of acknowledge bit when transmitting
• Bit synchronization/wait function stored
In master mode, the state of SCL is monitored per bit, and the timing is synchronized
automatically. If transmission/reception is not yet possible, set the SCL to low until
preparations are completed.
• Six interrupt sources
Transmit data empty (including slave-address match), transmit end, receive data full (including
slave-address match), arbitration lost, NACK detection, and stop condition detection. The DTC
can be activated by the transmit-data-empty and receive-data-full interrupts.
• Direct bus drive possible
Two pins, SCL and SDA pins, function as NMOS open-drain outputs when the bus drive
function is selected.
Clock Synchronous Format:
• Four interrupt sources
Transmit-data-empty, transmit-end, receive-data-full, and overrun error. The DTC can be
activated by the transmit-data-empty and receive-data-full interrupt sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com