công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 752 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 752 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 748Page - Renesas Technology Corp H8S/20203 Datasheet HTML 749Page - Renesas Technology Corp H8S/20203 Datasheet HTML 750Page - Renesas Technology Corp H8S/20203 Datasheet HTML 751Page - Renesas Technology Corp H8S/20203 Datasheet HTML 752Page - Renesas Technology Corp H8S/20203 Datasheet HTML 753Page - Renesas Technology Corp H8S/20203 Datasheet HTML 754Page - Renesas Technology Corp H8S/20203 Datasheet HTML 755Page - Renesas Technology Corp H8S/20203 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 726 of 962
REJ09B0465-0100
20.9.4
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode
In asynchronous mode, the SCI3 operates on a basic clock with a frequency of 16 times the
transfer rate. In reception, the SCI3 samples the falling edge of the start bit using the basic clock,
and performs internal synchronization. Receive data is latched internally at the rising edge of the
8th pulse of the basic clock as shown in figure 20.22. Thus, the reception margin in asynchronous
mode is given by formula (1) below.
M =
0.5 -
2N
1
N
D - 0.5
... Formula 1
{(
) -
- (L - 0.5) F } x 100 (%)
... Formula (1)
[Legend]
N: Ratio of bit rate to clock (N = 16)
D: Clock duty (D = 0.5 to 1.0)
L: Frame length (L = 9 to 12)
F: Absolute value of clock rate deviation
Assuming values of F (absolute value of clock rate deviation) = 0 and D (clock duty) = 0.5 in
formula (1), the reception margin can be given by the formula.
M = {0.5 – 1/(2
× 16)} × 100 [%] = 46.875%
However, this is only the computed value, and a margin of 20% to 30% should be allowed for in
system design.
Internal basic
clock
16 clocks
8 clocks
Receive data
(RxD)
Synchronization
sampling timing
Start bit
D0
D1
Data sampling
timing
15 0
7
15 0
0
7
Figure 20.22 Receive Data Sampling Timing in Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com