| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20203 bảng dữ liệu(PDF) 750 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 bảng dữ liệu(HTML) 750 Page - Renesas Technology Corp |
|
750 / 992 page ![]() Section 20 Serial Communication Interface 3 (SCI3, IrDA) Rev. 1.00 Oct. 03, 2008 Page 724 of 962 REJ09B0465-0100 20.8 Interrupt Requests The SCI3 creates the following six interrupt requests: transmission end, transmit data empty, receive data full, and receive errors (overrun error, framing error, and parity error). Table 20.8 shows the interrupt sources. Table 20.8 SCI3 Interrupt Requests Interrupt Requests Abbreviation Interrupt Sources DTC Activation Receive Data Full RXI Setting RDRF in SSR Possible Transmit Data Empty TXI Setting TDRE in SSR Possible Transmission End TEI Setting TEND in SSR Impossible Receive Error ERI Setting OER, FER, and PER in SSR Impossible When the TDRE flag in SSR is set to 1, a TXI interrupt request is generated. When the TEND flag in SSR is set to 1, a TEI interrupt request is generated. The DTC can be activated to perform data transfers with the TXI interrupt request. The TDRE flag is automatically cleared to 0 by the DTC data transfer. When the RDRF flag in SSR is set to 1, a RXI interrupt request is generated. When any of the ORER, PER and FER flags is set to 1, an ERI interrupt request is generated. The DTC can be activated to perform data transfers with the RXI interrupt request. The RDRE flag is automatically cleared to 0 by the DTC data transfer. The TEI interrupt is generated if the TEND flag is set to 1 when the TEIE bit is 1. If the TEI and TXI interrupts are generated at the same time, the TXI interrupt is accepted first. Therefore, if the TDRE and TEND flags are to be simultaneously cleared in a TXI interrupt routine, branching to a TEI interrupt routine cannot be performed. The initial value of the TDRE flag in SSR is 1. Thus, when the TIE bit in SCR3 is set to 1 before transferring the transmit data to TDR, a TXI interrupt request is generated even if the transmit data is not ready. The initial value of the TEND flag in SSR is 1. Thus, when the TEIE bit in SCR3 is set to 1 before transferring the transmit data to TDR, a TEI interrupt request is generated even if the transmit data has not been sent. It is possible to make use of the most of these interrupt requests efficiently by transferring the transmit data to TDR in the interrupt routine. To prevent the generation of these interrupt requests (TXI and TEI), set the enable bits (TIE and TEIE) that correspond to these interrupt requests to 1, after transferring the transmit data to TDR. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |