công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 749 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 749 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 745Page - Renesas Technology Corp H8S/20203 Datasheet HTML 746Page - Renesas Technology Corp H8S/20203 Datasheet HTML 747Page - Renesas Technology Corp H8S/20203 Datasheet HTML 748Page - Renesas Technology Corp H8S/20203 Datasheet HTML 749Page - Renesas Technology Corp H8S/20203 Datasheet HTML 750Page - Renesas Technology Corp H8S/20203 Datasheet HTML 751Page - Renesas Technology Corp H8S/20203 Datasheet HTML 752Page - Renesas Technology Corp H8S/20203 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 723 of 962
REJ09B0465-0100
20.7
Noise Canceler
Figure 20.21 shows a block diagram of the noise canceler circuit. When the noise canceler
function is enabled, the RXD input signal is routed through the noise canceler before being
provided internally. The noise canceler consists of three cascaded latches and a match detector.
The RXD input signal is sampled at the basic clock frequency, 16 times the transfer rate, and when
the outputs of three latches agree, the level is passed to the next circuit. If they do not agree, the
previous value is held.
In other words, if the input level changes and the level remains the same for three or more clock
cycles after the change, it is recognized as a signal. However, if the level remains the same for less
than three clock cycles, it is recognized as a noise, not as a signal.
RXD
input signal
Internal
RXD signal
in figure 20.1
Sampling clock
Sampling clock
Internal basic clock
cycle
C
Latch
Q
D
C
Latch
Q
D
C
Latch
Q
D
Match
detector
circuit
SPMR
(NFEN)
Figure 20.21 Block Diagram of Noise Canceler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com