công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 753 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 753 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 749Page - Renesas Technology Corp H8S/20203 Datasheet HTML 750Page - Renesas Technology Corp H8S/20203 Datasheet HTML 751Page - Renesas Technology Corp H8S/20203 Datasheet HTML 752Page - Renesas Technology Corp H8S/20203 Datasheet HTML 753Page - Renesas Technology Corp H8S/20203 Datasheet HTML 754Page - Renesas Technology Corp H8S/20203 Datasheet HTML 755Page - Renesas Technology Corp H8S/20203 Datasheet HTML 756Page - Renesas Technology Corp H8S/20203 Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 727 of 962
REJ09B0465-0100
20.9.5
Relation between Writes to TDR and TDRE Flag
Data can be written to TDR regardless of the state of the TDRE flag. However, if new data is
written to TDR when the DRE flag is cleared to 0, the data stored in TDR will be lost since it has
not yet been transferred to TSR. It is therefore essential to check that the TDRE flag is set to 1
before writing transmit data TDR.
20.9.6
Restrictions on Using DTC
When the external clock source is used as a synchronization clock, update TDR by the DTC or
CPU and wait for at least five
φ clock cycles before allowing the transmit clock to be input. If the
transmit clock is input within four clock cycles after TDR modification, the SCI3 may malfunction
(see figure 20.23).
When using the DTC to read RDR, be sure to set the receive end interrupt (RXI) for the relevant
SCI3 as the DTC activation source.
t
D0
LSB
Serial data
SCK
D1
D3
D4
D5
D2
D6
D7
Note: When an external clock is supplied, t must be more than four clock cycles.
TDRE
Figure 20.23 Example of DTC Transmission in Clock Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com