công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 747 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 747 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 743Page - Renesas Technology Corp H8S/20203 Datasheet HTML 744Page - Renesas Technology Corp H8S/20203 Datasheet HTML 745Page - Renesas Technology Corp H8S/20203 Datasheet HTML 746Page - Renesas Technology Corp H8S/20203 Datasheet HTML 747Page - Renesas Technology Corp H8S/20203 Datasheet HTML 748Page - Renesas Technology Corp H8S/20203 Datasheet HTML 749Page - Renesas Technology Corp H8S/20203 Datasheet HTML 750Page - Renesas Technology Corp H8S/20203 Datasheet HTML 751Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 721 of 962
REJ09B0465-0100
20.6.1
Transmission
During transmission, the output signals from the SCI3_2 (UART frames) are converted to IR
frames using the IrDA interface (see figure 20.20). For serial data of level 0, a high-level pulse
having a width of 3/16 of the bit rate (1-bit interval) is output (initial setting). The high-level pulse
can be selected using the IrCKS2 to IrCKS0 bits in IrCR. The high-level pulse width is defined to
be 1.41 µs at minimum and (3/16 + 2.5%)
× bit rate or (3/16 × bit rate) +1.08 µs at maximum. For
example, when the frequency of system clock
φ is 20 MHz, a high-level pulse width of 1.6 µs can
be specified because it is the smallest value in the range greater than 1.41 µs. For serial data of
level 1, no pulses are output.
UART frame
Data
IR frame
Data
000
0
0
11
1
1
1
00
0
0
0
11
1
1
1
Start
bit
Transmission
Reception
Stop
bit
Start
bit
Stop
bit
Bit
cycle
Pulse width is 1.6 ms to
3/16 bit cycle.
Figure 20.20 IrDA Transmission and Reception
20.6.2
Reception
During reception, IR frames are converted to UART frames using the IrDA interface before
inputting to SCI3_2. 0 is output when the high level pulse is detected while 1 is output when no
pulse is detected during one bit period. Note that a pulse shorter than the minimum pulse width of
1.41 µs is regarded as a 0 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com