| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 287 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 287 Page - Renesas Technology Corp |
|
287 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 257 of 1342 REJ09B0467-0100 6.8.11 Byte Access Control When synchronous DRAM with a ×16-bit configuration is connected, DQMU and DQML are used for the control signals needed for byte access. Figures 6.61 and 6.62 show the control timing for DQM, and figure 6.63 shows an example of connection of byte control by DQMU and DQML. Tp SDRAM φ φ RAS CAS WE CKE PALL ACTV NOP NOP WRIT DQMU DQML Lower data bus Upper data bus Address bus Tr Tc1 Tcl Tc2 Row address Column address Column address Precharge-sel Row address High High High impedance Figure 6.61 DQMU and DQML Control Timing (Upper Byte Write Access: SDWCD = 0, CAS Latency 2) |