| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 261 Page - Renesas Technology Corp |
|
261 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 231 of 1342 REJ09B0467-0100 This LSI (Address shift size set to 10 bits) RASn (CSn) 2-CAS type 16-Mbit DRAM 1-Mbyte × 16-bit configuration 10-bit column address RAS UCAS UCAS LCAS LCAS HWR (WE) WE RD (OE) OE A9 A8 A10 A9 A8 A7 A7 A6 A6 A5 A5 A4 A4 A3 A3 A2 A2 A1 A1 A0 D15 to D0 D15 to D0 Row address input: A9 to A0 Column address input: A9 to A0 Figure 6.41 Example of 2-CAS DRAM Connection 6.7.11 Burst Operation With DRAM, in addition to full access (normal access) in which data is accessed by outputting a row address for each access, a fast page mode is also provided which can be used when making consecutive accesses to the same row address. This mode enables fast (burst) access of data by simply changing the column address after the row address has been output. Burst access can be selected by setting the BE bit to 1 in DRAMCR. (1) Burst Access (Fast Page Mode) Figures 6.42 and 6.43 show the operation timing for burst access. When there are consecutive access cycles for DRAM space, the CAS signal and column address output cycles (two states) continue as long as the row address is the same for consecutive access cycles. The row address used for the comparison is set with bits MXC2 to MXC0 in DRAMCR. |